Part Number Hot Search : 
KTC5242 GS25E12 ST10F273 PE4074 14B101 2SD601 A52RA 25016
Product Description
Full Text Search
 

To Download ZMY22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMY1 THRU ZMY100
ZENER DIODES
MELF
FEATURES
Silicon Planar Power Zener Diodes For use in stabilizing and clipping circuits with higher power rating. The Zener voltages are graded according to the international E24 standard. Smaller voltage tolerances and other Zener voltages are available upon request. These diodes are also available in the DO-41 case with the type designation ZPY1 ... ZPY100.
Cathode Mark
.102 (2.6) .094 (2.4) .022 (0.55) .205 (5.2) .189 (4.8)
Dimensions are in inches and (millimeters)
MECHANICAL DATA
Case: MELF Glass Case Weight: approx. 0.25 g
MAXIMUM RATINGS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Zener Current (see Table "Characteristics") Power Dissipation at Tamb = 25C Junction Temperature Storage Temperature Range Ptot Tj TS 1.01) 150 - 55 to +150 W C C
Characteristics at Tamb = 25 C
SYMBOL MIN. TYP. MAX. UNIT
Thermal Resistance Junction to Ambient Air
RthJA
-
-
1701)
C/W
NOTES: (1) Valid provided that electrodes are kept at ambient temperature.
12/16/98
ZMY1 THRU ZMY100
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
Zener voltage(2) at IZT Type ZMY1 ZMY3.9 ZMY4.3 ZMY4.7 ZMY5.1 ZMY5.6 ZMY6.2 ZMY6.8 ZMY7.5 ZMY8.2 ZMY9.1 ZMY10 ZMY11 ZMY12 ZMY13 ZMY15 ZMY16 ZMY18 ZMY20 ZMY22 ZMY24 ZMY27 ZMY30 ZMY33 ZMY36 ZMY39 ZMY43 ZMY47 ZMY51 ZMY56 ZMY62 ZMY68 ZMY75 ZMY82 ZMY91 ZMY100
(3)
min. max. VZ (V) 0.65 ... 0.75 3.7 ... 4.1 4.0 ... 4.6 4.4 ... 5.0 4.8 ... 5.4 5.2 ... 6.0 5.8 ... 6.6 6.4 ... 7.2 7.0 ... 7.9 7.7 ... 8.7 8.5 ... 9.6 9.4 ... 10.6 10.4 ... 11.6 11.4 ... 12.7 12.4 ... 14.1 13.8 ... 15.8 15.3 ... 17.1 16.8 ... 19.1 18.8 ... 21.2 20.8 ... 23.3 22.8 ... 25.6 25.1 ... 28.9 28 ... 32 31 ... 35 34 ... 38 37 ... 41 40 ... 46 44 ... 50 48 ... 54 52 ... 60 58 ... 66 64 ... 72 70 ... 79 77 ... 88 85 ... 96 94 ... 106
Dynamic resistance at IZT f = 1 kHz max rzj () 6.5 (< 8) 4 (< 7) 4 (< 7) 4 (< 7) 2 (< 5) 1 (< 2) 1 (< 2) 1 (< 2) 1 (< 2) 1 (< 2) 2 (< 4) 2 (< 4) 3 (< 7) 3 (< 7) 4 (< 9) 4 (< 9) 5 (< 10) 5 (< 11) 6 (< 12) 7 (< 13) 8 (< 14) 9 (< 15) 10 (< 20) 11 (< 20) 25 (< 60) 30 (< 60) 35 (< 80) 40 (< 80) 45 (< 100) 50 (< 100) 60 (< 130) 65 (< 130) 70 (< 160) 80 (< 160) 120 (< 250) 130 (< 250)
Temp. coeff. of Zener volt. at IZT
Test current IZT (mA) 5 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 10 5 5
Reverse voltage at IR= 0.5A VR (V) - - - - > 0.7 > 1.5 > 2.0 > 3.0 > 5.0 > 6.0 > 7.0 > 7.5 > 8.5 > 9.0 > 10 > 11 > 12 > 14 > 15 > 17 > 18 > 20 > 22.5 > 25 > 27 > 29 > 32 > 35 > 38 > 42 > 47 > 51 > 56 > 61 > 68 > 75
Admissible Zener current(1) at Tamb = 25C IZ (mA) 406 203 182 165 150 135 128 110 100 89 82 74 66 60 55 49 44 40 36 34 29 27 25 22 20 18 17 15 14 13 11 10 9 8 7.5 7
VZ (10 -4 /K)
-26 ... -23 -7 ... +2 -7 ... +3 -7 ... +4 -6 ... +5 -3 ... +5 -1 ... +6 0 ... +7 0 ... +7 +3 ... +8 +3 ... +8 +5 ... +9 +5 ... +10 +5 ... +10 +5 ... +10 +5 ... +10 +7 ... +11 +7 ... +11 +7 ... +11 +7 ... +11 +7 ... +12 +7 ... +12 +7 ... +12 +7 ... +12 +7 ... +12 +8 ... +12 +8 ... +13 +8 ... +13 +8 ... +13 +8 ... +13 +8 ... +13 +8 ... +13 +8 ... +13 +8 ... +13 +9 ... +13 +9 ... +13
NOTES: (1) Valid provided that electrodes are kept at ambient temperature (2) Tested with pulses tp = 5 ms (3) The ZMY1 is a silicon diode operated in forward direction. Hence, the index of all characteristics and maximum ratings should be "F" instead of "Z". Connect the cathode terminal to the negative pole For devices in glass case MELF with higher Zener voltage but same power dissipation see types ZMU100 ... ZMU180
RATINGS AND CHARACTERISTIC CURVES ZMY1 THRU ZMY100
RATINGS AND CHARACTERISTIC CURVES ZMY1 THRU ZMY100
RATINGS AND CHARACTERISTIC CURVES ZMY1 THRU ZMY100


▲Up To Search▲   

 
Price & Availability of ZMY22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X